Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
  Nazwa części      
   Szczegóły    

   
 

DISCHARGE Dane, Datasheet

Wyszukiwanie Szczegóły : 'DISCHARGE' - wyników : 45 (1/3) strona
ProducentNumer częściWidokSzczegółowy opis

Dialog Semiconductor
SLG59M1456V Ultra-small 7.8 mΩ 5 A Load Switch with Discharge
SLG5NT1533V 20 mΩ Fast Turn On 2.5 A Integrated Power Switch with Discharge
SLG59M1512V Ultra-small Dual 80 mΩ 1.0 A Integrated Power Switch with Discharge
SLG59M1448V Ultra-small 17 m 2.5 A Load Switch with Discharge
SLG7NT4100 VR Enable and Discharge
SLG59M1495V Ultra-small 80 mΩ, 1.0 A Integrated Power Switch with Discharge
SLG5NT1602V 7.8 mΩ, 9 A Integrated Power Switch with Discharge and Reverse Current Blocking
SLG59M1598V Ultra-small 17 m 2.5 A Load Switch with Discharge
SLG59M1496V Ultra-small 7.8 mΩ, 5.3 A Integrated Power Switch with Discharge
SLG59M1446V Ultra-small Dual 40 mΩ 1.0 A Integrated Power Switch with Discharge
SLG7NT402V Ultra-small 7.8 mΩ, 4 A Integrated Power Switch with Discharge
SLG59M1658V An Ultra-small 1.6 mm2, 17 mΩ, 2.5 A, 125°C-Rated Internally-protected Integrated Power Switch with Discharge
SLG59M1612V Dual 4.5A Integrated Power Switch with One Channel Discharge and Reverse Blocking
SLG5NT1487V Ultra-small 7.8 mΩ 5 A Load Switch with Discharge
SLG5NT1462V Ultra-small Dual 40 mΩ 1.0 A Integrated Power Switch with Discharge
SLG5NT1546V Ultra-small Dual 80 mΩ 1.0 A Integrated Power Switch with Discharge
SLG59M1568V 7.3 mΩ, 9 A GreenFET 3 Load Switch with Discharge
SLG5NT1464V Ultra-small 40 mΩ 1.0 A GreenFET 3 Load Switch with Discharge
SLG59M1440V Ultra-small 40 mΩ 1.0 A GreenFET 3 Load Switch with Discharge
SLG5NV1430V Ultra-small 7.8 mΩ 4 A Load Switch with Discharge

  1 2 3