Producent | Numer części | Arkusz danych | Szczegółowy opis |
PHOENIX CONTACT
|
2865609 |
120Kb/8P |
Solenoid driver - MACX MCR-EX-SL-SD-24-48-LP |
2865764 |
120Kb/8P |
Solenoid driver - MACX MCR-EX-SL-SD-21-40-LP |
2865515 |
118Kb/7P |
Solenoid driver - MACX MCR-EX-SL-SD-21-60-LP |
2865492 |
124Kb/7P |
Solenoid driver - MACX MCR-EX-SL-SD-21-25-LP |
2865188 |
227Kb/10P |
Ex-i Solenoid Driver for Group IIB Gases, Loop-Powered, Pluggable |
2924126 |
94Kb/7P |
Solenoid driver - MACX MCR-EX-SL-SD-24-48-LP-SP |
2924113 |
122Kb/7P |
Solenoid driver - MACX MCR-EX-SL-SD-21-25-LP-SP |
2865298 |
301Kb/12P |
Ex-i solenoid driver for Group IIC gases, loop-powered, pluggable |
2924139 |
118Kb/8P |
Solenoid driver - MACX MCR-EX-SL-SD-21-40-LP-SP |
2924100 |
116Kb/7P |
Solenoid driver - MACX MCR-EX-SL-SD-21-60-LP-SP |
2832069 |
81Kb/2P |
CD-ROM, with user documentation in PDF format, driver software and sample programs, IO configurator |
TSD-M-1 |
58Kb/3P |
Torque screw driver, accuracy as per EN ISO 6789 standard, adjustable from 0.3 ??1.2 Nm |
TSD-M-3NM |
58Kb/3P |
Torque screw driver, accuracy as per EN ISO 6789 standard, adjustable from 1.2 ??3 Nm |
TSD-M-6NM |
59Kb/3P |
Torque screw driver, accuracy as per EN ISO 6789 standard, adjustable from 3 ??6 Nm |
2403729 |
56Kb/2P |
Direct driver connection to controllers, e.g., to Siemens S7 or via Modbus/TCP and Modbus/RTU |
2701171 |
56Kb/2P |
Direct driver connection to controllers, e.g., to Siemens S7 or via Modbus/TCP and Modbus/RTU |
2701207 |
56Kb/2P |
Direct driver connection to controllers, e.g., to Siemens S7 or via Modbus/TCP and Modbus/RTU |
2400244 |
56Kb/2P |
Direct driver connection to controllers, e.g., to Siemens S7 or via Modbus/TCP and Modbus/RTU |
2746346 |
65Kb/4P |
INTERBUS Master Interface including: - Driver software for DOS and Windows - User documentation in German and English - Monitor programs - Cable for the power supply |
2701195 |
62Kb/3P |
Slot 1 option module. Connects the Nanoline controller to a Type A USB port. Functions as a serial device and requires special driver included on nanoNavigator CD. |