Producent | Numer części | Widok | Szczegółowy opis |

PHOENIX CONTACT
|
2702090 |
 |
LED permanent light element, 24 V DC, 7 colors |
ST-OE2-120AC |
 |
Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 120 V AC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks |
RIF-LV-12-24UC |
 |
Plug-in module, for mounting on RIF-1, RIF-2, RIF-3, and RIF-4, with varistor and yellow LED, input voltage: 12 ... 24 V AC/DC ±20 % |
REL-IR4-LDP-12DC |
 |
Plug-in industrial relay with power contacts and additional hard gold plating, 4 PDTs, test key, status LED, freewheeling diode, mechanical switch position indicator, polarity: A1+, A2-, coil voltage: 12 V DC |
ST-OV2-5DC |
 |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 5 V DC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks |
2702933 |
 |
LED machine light - PLD M 260 W-85/95 190/D40/SC |
REL-IR4-LDP-48DC |
 |
Plug-in industrial relay with power contacts and additional hard gold plating, 4 PDTs, test key, status LED, freewheeling diode, mechanical switch position indicator, polarity: A1+, A2-, coil voltage: 48 V DC |
REL-IR4-LDP-110DC |
 |
Plug-in industrial relay with power contacts and additional hard gold plating, 4 PDTs, test key, status LED, freewheeling diode, mechanical switch position indicator, polarity: A1+, A2-, coil voltage: 110 V DC |
2702489 |
 |
LED machine light - PLD M 260 W-75/95 1070/D70 |
2700121 |
 |
LED blinking light element, 24 V AC/DC |
UMK-8RM110DC |
 |
VARIOFACE module, for 8 plug-in miniature relays or miniature optocouplers, with LED, 110 V DC input voltage |
UMK-16RM230AC |
 |
VARIOFACE module, for 16 plug-in miniature relays or miniature optocouplers, with LED, 230 V AC input voltage |
2702941 |
 |
This LED machine light is designed to provide illumination inside or on machinery. |
2702936 |
 |
LED machine light - PLD M 260 W-85/95 715/D40/SC |
2702479 |
 |
LED machine light - PLD M 160 W-95/105 1176 |
ST-OV2-230AC |
 |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 230 V AC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks |
2702223 |
 |
LED enclosure light - PLD E 400 W 500 |
RIF-1-RSC-LDP-24DC |
 |
Pre-assembled relay module with screw connection, consisting of: relay base, relay retaining bracket, and power contact relay with test button, integrated status LED, and freewheeling diode. |
ST-OE2-220DC |
 |
Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 220 V DC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks |
2702935 |
 |
LED machine light - PLD M 260 W-85/95 540/D40/SC |