Producent | Numer części | Arkusz danych | Szczegółowy opis |
Siemens Semiconductor G...
|
PSB21911 |
1Mb/164P |
ISDN Echocancellation Circuit for Terminal Applications IEC-Q TE |
PEB24902 |
502Kb/50P |
Quad ISDN Echocancellation Circuit Analogue Front End Quad IEC AFE |
3VA1340-5EF32-0AA0 |
873Kb/7P |
circuit breaker 3VA1 IEC frame 400 breaking capacity class M 04/08/2020 |
6ES7136-6BA01-0CA0 |
154Kb/3P |
SIMATIC DP, electronic module for ET 200SP, F-DI 8x 24 V DC HF, 15 mm width, up to PLe (ISO 13849-1)/ SIL3 (IEC 61508) 7/8/2022 |
6ES7131-6BF01-0AA0 |
191Kb/3P |
SIMATIC ET 200SP, Digital input module, DI 8x 24V DC Basic, type 2 (IEC 61131), sink input, (PNP, P-reading), Packing unit: 1 piece, fits to BU-type A0, Colour Code CC01, input delay time 0,05..20ms, module diagnostics for: supply voltage 6/20/2023 |
6ES7141-6BG00-0BB0 |
228Kb/4P |
SIMATIC ET 200eco PN, DI 8x 24 V DC, M12-L, 8x M12, single and double assignment, input type 3 (IEC 61131), sink input (PNP, sinking input), input delay 0.05..20 ms, channel diagnostics for: wire break at input, encoder power supply 6/15/2023 |